Part Number Hot Search : 
NNCD12C P5NK80 1N759C TA114 74HCT14 37LV36 AT1393A TEH0523
Product Description
Full Text Search
 

To Download IRFP440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFP440
Data Sheet July 1999 File Number
2089.3
8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17425.
Features
* 8.8A, 500V * rDS(ON) = 0.850 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRFP440 PACKAGE TO-247 BRAND IRFP440
Symbol
D
NOTE: When ordering, include the entire part number.
G
S
Packaging
JEDEC STYLE TO-247
SOURCE DRAIN GATE
DRAIN (FLANGE)
4-347
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRFP440
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRFP440 500 500 8.8 5.6 35 20 150 1.2 480 -55 to 150 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg Qgs Qgd CISS COSS CRSS LD Measured from the drain Lead, 6mm (0.25in) from the Package to the Center of the Die Measured from the Source Lead, 6mm (0.25in) from Header to the Source Bonding Pad Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD G LS S
TEST CONDITIONS VGS = 0V, ID = 250A (Figure 10) VGS = VDS, ID = 250A VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125oC VDS > ID(ON) x rDS(ON)MAX, VGS = 10V VGS = 20V VGS = 10V, ID = 4.9A (Figures 8, 9) VDS 50V, ID = 4.9A (Figure 12) VDD = 250V, ID 8A, RGS = 9.1, RL = 30.1 MOSFET Switching Times are Essentially Independent of Operating Temperature
MIN 500 2.0 8.8 5.3 -
TYP 0.800 8.2 17 23 42 18 42 7 22 1225 200 85 5.0
MAX 4.0 25 250 100 0.850 21 35 74 30 63 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate Threshold Voltage Zero-Gate Voltage Drain Current
On-State Drain Current (Note 2) Gate to Source Leakage Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse-Transfer Capacitance Internal Drain Inductance
VGS = 10V, ID = 8A, VDS = 0.8 x Rated BVDSS Ig(REF) = 1.5mA (Figure 14) Gate Charge is Essentially Independent of Operating Temperature
-
VGS = 0V, VDS = 25V, f = 1.0MHz (Figure 11)
-
Internal Source Inductance
LS
-
12.5
-
nH
Junction to Case Junction to Ambient
RJC RJA Free Air Operation
-
-
0.83 30
oC/W oC/W
4-348
IRFP440
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
G D
MIN -
TYP -
MAX 8.8 35
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovered Charge NOTES:
VSD trr QRR
TJ = 25oC, ISD = 8.8A, VGS = 0V (Figure 13) TJ = 25oC, ISD = 8.0A, dISD/dt = 100A/s TJ = 25oC, ISD = 8.0A, dISD/dt = 100A/s
210 2
460 4.2
1.8 970 8.9
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 50V, starting TJ = 25oC, L = 11mH, RG = 50, peak IAS = 8.8A.
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0
Unless Otherwise Specified
10
0.8 0.6 0.4 0.2 0
ID, DRAIN CURRENT (A)
8
6
4
2
0 0 50 100 150 25 50 75 100 125 150 TC , CASE TEMPERATURE (oC) TC , CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
1 ZJC, THERMAL IMPEDANCE 0.5 0.2 0.1 0.1 0.05 0.02 0.01 10-2 SINGLE PULSE PDM
t1 t2 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC + TC
10-3 10-5
10-4
10-3
10-2
0.1
1
10
t1 , RECTANGULAR PULSE DURATION (s)
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
4-349
IRFP440 Typical Performance Curves
102
Unless Otherwise Specified (Continued)
15 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 6.0V
OPERATION IN THIS REGION IS LIMITED BY rDS(ON) 10s ID, DRAIN CURRENT (A) 12
VGS = 10V
ID, DRAIN CURRENT (A)
10
100s
9 VGS = 5.5V
1ms 1 TC = 25oC TJ = MAX RATED SINGLE PULSE 0.1 1 102 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 10ms DC
6
3 VGS = 4.0V
VGS = 5.0V VGS = 4.5V 250
103
0
0
50 100 150 200 VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
15
ID, DRAIN CURRENT (A)
12 VGS = 6.0V
ID(ON), ON STATE DRAIN CURRENT (A)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
VGS = 10V
102
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS 50V
10
9
1 TJ = 150oC 0.1 TJ = 25oC
6
VGS = 5.5V
3 VGS = 4.0V 0 0
VGS = 5.0V VGS = 4.5V 15
3 6 9 12 VDS , DRAIN TO SOURCE VOLTAGE (V)
10-2
0
2 4 6 8 VGS , GATE TO SOURCE VOLTAGE (V)
10
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
10
NORMALIZED DRAIN TO SOURCE ON RESISTANCE VOLTAGE
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
3.0
rDS(ON), DRAIN TO SOURCE
8 ON RESISTANCE
2.4
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX ID = 4.9A, VGS = 10V
5 VGS = 10V
1.8
4
1.2
2
VGS = 20V
0.6
0 0 8 16 24 ID , DRAIN CURRENT (A) 32 40
0 -60
-40
-20
0
20
40
60
80
100 120 140 160
TJ , JUNCTION TEMPERATURE (oC)
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4-350
IRFP440 Typical Performance Curves
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A
Unless Otherwise Specified (Continued)
3000
1.15 C, CAPACITANCE (pF)
2400
VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGS
1.05
1800
CISS
0.95
1200 COSS 600 CRSS
0.85
0.75 -60
-40
-20
0
20
40
60
80
100 120 140 160
0
1
2
5
10
20
50
100
TJ , JUNCTION TEMPERATURE (oC)
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
ISD, SOURCE TO DRAIN CURRENT (A)
15 gfs, TRANSCONDUCTANCE (S)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS 50V
102
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
12 TJ = 25oC
10
9
6
TJ = 150oC
TJ = 150oC 1
3
TJ = 25oC 0.1 0 0.3 0.6 0.9 1.2 VSD , SOURCE TO DRAIN VOLTAGE (V) 1.5
0
0
3
6 9 ID , DRAIN CURRENT (A)
12
15
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 VGS, GATE TO SOURCE VOLTAGE (V) ID = 8A 16 VDS = 100V 12 VDS = 250V VDS = 400V
8
4
0 0 12 24 36 48 60 Qg , GATE CHARGE (nC)
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
4-351
IRFP440 Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
-
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDS (ISOLATED SUPPLY) VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
IG(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
4-352
IRFP440
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-353


▲Up To Search▲   

 
Price & Availability of IRFP440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X